Part Number Hot Search : 
BH7601FS DRS1212 1215S 37300 627ER 2SB15 00BGXC 3DD130
Product Description
Full Text Search
 

To Download 2SB1553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1553
Silicon PNP epitaxial planar type
For power amplification
Unit: mm
s Features
q q
13.00.2 4.20.2
5.00.1 10.00.2 1.0
q
2.50.2
High foward current transfer ratio hFE Satisfactory linearity of foward current transfer ratio hFE Allowing automatic insertion with radial taping (TC=25C)
Ratings -60 -60 -6 -6 -3 -1 15 2 150 -55 to +150 Unit V V V A A A W C C
90
1.20.1
18.00.5 Solder Dip
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC IB PC Tj Tstg
C1.0 2.250.2
0.350.1
0.650.1 1.050.1 0.550.1 0.550.1
C1.0
123
2.50.2
2.50.2
1:Base 2:Collector 3:Emitter MT4 Type Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency
*h
(TC=25C)
Symbol ICBO ICEO IEBO VCEO hFE* VCE(sat) fT Conditions VCB = -60V, IE = 0 VCE = -40V, IB = 0 VEB = -6V, IC = 0 IC = -25mA, IB = 0 VCE = -4V, IC = - 0.5A IC = -2A, IB = - 0.05A VCE = -12V, IC = - 0.2A, f = 10MHz 30 -60 300 700 -1 V MHz min typ max -100 -100 -100 Unit A A A V
FE
Rank classification
Q 300 to 500 P 400 to 700
Rank hFE
1
Power Transistors
PC -- Ta
20 -6 (1) TC=Ta (2) Without heat sink (PC=2.0W) TC=25C -5 -5 IB=-100mA -80mA -60mA -40mA -3 -20mA -2 -10mA -5mA -1 (2) 0 0 20 40 60 80 100 120 140 160 0 0 -2 -4 -6 -8 -10 -12 -2mA 0 0 - 0.4 - 0.8
2SB1553
IC -- VCE
-6 VCE=-4V
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (A)
15
-4
Collector current IC (A)
-4
10 (1)
-3
-2
TC=125C
25C -25C
5
-1
-1.2
-1.6
-2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 IC/IB=40 -30 -10 25C -3 TC=100C -1 -25C 10000
hFE -- IC
VCE=-4V 1000
fT -- IC
VCE=-12V f=10MHz TC=25C
Forward current transfer ratio hFE
3000 TC=100C 25C
Transition frequency fT (MHz)
-1 -3 -10
300
1000 -25C 300
100
30
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
100
10
30
3
-1
-3
-10
10 - 0.01 - 0.03 - 0.1 - 0.3
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
1000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=40 (-IB1=IB2) VCC=-50V TC=25C
Area of safe operation (ASO)
-10 ICP t=10ms IC DC Non repetitive pulse TC=25C 1ms
Collector output capacitance Cob (pF)
Switching time ton,tstg,tf (s)
300
-3
10 3 tf 1 ton 0.3 0.1 0.03
100
Collector current IC (A)
-8
-1
30
- 0.3
tstg
10
- 0.1
3
- 0.03
1 -1
0.01 -3 -10 -30 -100 0 -2 -4 -6
- 0.01 0.1
0.3
1
3
10
30
100
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink
2SB1553
Thermal resistance Rth(t) (C/W)
1000
100 (1) (2) 10
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB1553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X